Part Number Hot Search : 
DT74ALV C0455A P50N60 4A102 30N60 TPSMP43A 1N4118 N5392
Product Description
Full Text Search
 

To Download RL07S1001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semi-Precision Mil-Qualified Metal GlazeTM Resistor
RL Series
* * * * * MIL-R-22684 200 ppm/C 1/4 watt to 1/2 watt 2% and 5% tolerance 4.3 ohms to 470K ohms
High temperature soldered termination-lead assembly Spiraled or laser helixed to resistance value, tolerance
Tough molded jacket Metal Glaze thick film element fired at 1000C to solid ceramic core
Tin-lead electroplated copper leads
Electrical Data
MIL Type RL07 RL20 Marking Band Band Tolerance (%) 2, 5 2, 5 T.C. (ppm/C) 200 200 Power Rating (watts) 1/4 @ 70C 1/2 @ 70C Resistance Range (ohms)* 51 to 150K 4.3 to 470K Nominal Size 1/4W 1/2W Max Voltage Rating 250 350
* For values below or above Mil Resistance, the Non-Mil part can be used. But keep in mind -- it is a non-mil part.
Environmental Data
Test Conditions Temperature Coefficient (ppm/C) Low Temperature Operation Thermal Shock Moisture Resistance Short Time Overload Load Life (70C --- 1/4W) 1000 hours Terminal Strength Effect of Soldering Shock Vibration High Temperature Exposure (150C No Load) Rated Power for 10,000 hours at 70C Temperature Rise @ 1/4W Power Load Dielectric Strength
General Note
MIL-R-22684 Test Limits Allowed 200 0.50% 1.00% 1.5% 0.50% 2.00% 0.50% 0.50% 0.50% 0.50% N/A N/A 0.50%
RL07 Max. %R (3) 200 0.10% 0.15% 0.05% 0.10% 0.40% 0.10% 0.10% 0.05% 0.05% 0.75% 0.60% See Temperature Rise Chart 0.05%
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc RL Series Issue November 2008 Sheet 1 of 3
Semi-Precision Mil-Qualified Metal GlazeTM Resistor
Physical Data
LL
BL
LD BD
Dimensions (Inches and (mm)) Nominal Size 1/4 watt Body Length BL 0.250 0.015 (6.4 0.4) 0.390 0.010 (9.9 0.3) Body Diameter BD 0.090 0.008 (2.3 0.2) 0.140 0.008 (3.6 0.2) Lead Length LL 1.50 0.125 (38.1 3.2) 1.50 0.125 (38.1 3.2) Lead Diameter LD 0.025 0.002 (0.64 0.05) 0.032 0.002 (0.81 0.05) Clean Lead 0.310 (7.9) 0.450 (11.4)
1/2 watt
Commercial Power Derating Chart
% Of Commercial Rated Power (in many cases 2X MIL Spec. power rating) 100 80 60 40 20 0 0 125 150 175 RG07 RG20
Ambient Temperature (C)
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RL Series Issue November 2008 Sheet 2 of 3
Semi-Precision Mil-Qualified Metal GlazeTM Resistor
MIL Spec. Power Derating Chart
100 80 60 40 All RL 20 0 0 125 150 165 175
Ambient Temperature (C)
Ordering Data
Sample Part No. MIL Style RL 07 S 1001 G
RL = Fixed Film Resistor
Power Rating
07 = 1/4 watt 20 = 1/2 watt
Lead Material
S = Solderable/weldable leads
Resistance
First three digits represent significant figures; fourth digit is number of zeros.
Tolerance
G = 2%, J = 5%
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RL Series Issue November 2008 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of RL07S1001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X